PART |
Description |
Maker |
KA78M08TU KA78M08RTF |
3-Terminal 0.5A Positive Voltage Regulator; Package: TO-220; No of Pins: 3; Container: Rail 8 V FIXED POSITIVE REGULATOR, PSFM3 3-Terminal 0.5A Positive Voltage Regulator; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
MC74HC4851ADW MC74HC4851ADT MC74HC4852ADT |
Analog Multiplexers/Demultiplexers with Injection Current Effect Control 3-Terminal 0.1A Positive Voltage Regulator; Package: TO-92R; No of Pins: 3; Container: Tape & Reel 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16
|
Motorola Mobility Holdings, Inc.
|
FAN2502S26 FAN2503S25 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Pch Power MOSFET; Surface Mount Type: N; Package: VS-8; R DS On (Ω): (max 0.09) (max 0.041) (max 0.03); I_S (A): (max -6) 积极的固定电压稳压器
|
Fairchild Semiconductor, Corp. 3M Company
|
LM120H-05 |
1.5 Amp, 3-Terminal Negative Regulators
|
Integrated Power Semiconductors
|
HE1AN-P-AC24V HE1AN-Q-AC24V HE1AN--AC120V HE1AN--A |
HE-relay. TV-10, 25 AMP power relay. AC type. 2 form A. NEMA terminal. Nominal voltage 120 V AC. HE-relay. TV-10, 25 AMP power relay. AC type. 2 form A. NEMA terminal. Nominal voltage 240 V AC. HE-relay. TV-15, 30 AMP power relay. AC type. 1 form A. NEMA terminal. Nominal voltage 240 V AC. TV-15, 30 AMP (1 Form A) Power Relay
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
TA78L132AP TA78L020AP TA78L075AP TA78L006AP TA78L0 |
Three-Terminal Positive Regulators 13.2V Three-Terminal Positive Regulators 20V Three-Terminal Positive Regulators 7.5V Three-Terminal Positive Regulators 6V Three-Terminal Positive Regulators 10V Three-Terminal Positive Regulators 8V Three-Terminal Positive Regulators 12V Three-Terminal Positive Regulators 15V Three-Terminal Positive Regulators 5V Three-Terminal Positive Regulators 9V Three-Terminal Positive Regulators 24V Three-Terminal Positive Regulators 18V Three-Terminal Positive Regulators 7V
|
TOSHIBA
|
2-35135-2 |
Ring and Spade Tongue Terminals; TERMINAL,SOLIS R 12-10 1/2 ( AMP )
|
Tyco Electronics
|
COM7805T COM7815T COM7812 COM7812T |
Three Terminal, Fixed Voltage, 1.5 AmpVPrecision Positive Regulator(1.5A,5V,固定电压,精密型三端正输出稳压 三端,固定电压,1.5安培V的,精密正稳压器1.5A的,5V的,固定电压,精密型三端正输出稳压器 Three Terminal, Fixed Voltage, 1.5 Amp12VPrecision Positive Regulator(1.5A,12V,固定电压,精密型三端正输出稳压 三端,固定电压,1.5安培12V的,精密正稳压器1.5A的,12V的,固定电压,精密型三端正输出稳压器 COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K Hi-Rel Fixed Voltage 3-Terminal Positive Regulator Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic 三端固定电压1.5安培 在密封的精密正稳压器 Three Terminal, Fixed Voltage, 1.5 AmpVPrecision Positive Regulator 三端,固定电压,1.5安培V的,精密正稳压器
|
List of Unclassifed Manufacturers ETC[ETC] Omnirel International Rectifier Electronic Theatre Controls, Inc.
|
HP4-AC115V HP4-AC220V HP4-DC110V HP4-L-AC115V HP4- |
HP-relay. 10 Amp power relay. 4 form C. Coil voltage 115 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C. Coil voltage 220 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C. Coil voltage 110 V DC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C, neon lamp. Coil voltage 115 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C, neon lamp. Coil voltage 220 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 4 form C, neon lamp. Coil voltage 240 V AC. Standard plug-in terminal type (without lamp wired). HP-relay. 10 Amp power relay. 2 form C. Coil voltage 110 V DC. Top mounting type. HP-relay. 10 Amp power relay. 2 form C. Coil voltage 220 V AC. Top mounting type. HP-relay. 10 Amp power relay. 2 form C. Coil voltage 240 V AC. Top mounting type.
|
Matsushita Electric Works(Nais)
|
HA9P5020-5X96 |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL CORP
|
CS82C55A-596 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 44-PLCC T&R 24 I/O, PIA-GENERAL PURPOSE, PQCC44
|
Intersil, Corp.
|